PART |
Description |
Maker |
2249-C-48 2249-E-240 2249-C-12 2249-C-96 2249-K-12 |
Pomona Stress Relieved/BNCCable Assemblies, Color: Black, Length: 48 , Contact Plating: Nickel, Contact Material: Brass, Features: BNC to BNC, weatherproof molded construction, ideal for use with test instruments INTERCONNECTION DEVICE Connector assemblies, RF Test; Connector Type A:BNC Male; Connector Type B:BNC Male; Cable Length:20ft; Approval Bodies:CE; Body Material:Brass; Contact Material:Brass; Features:75 Ohm impedance; For Use With:RG59B/U INTERCONNECTION DEVICE Connector assemblies, RF Test; Connector Type A:BNC Male; Connector Type B:BNC Male; Cable Length:1ft; Approval Bodies:CE; Body Material:Brass; Contact Material:Brass; For Use With:RG58C/U; Leaded Process Compatible:Yes INTERCONNECTION DEVICE Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes INTERCONNECTION DEVICE BNC (M), RG174/U INTERCONNECTION DEVICE BNC (M) RG223/U RoHS Compliant: Yes INTERCONNECTION DEVICE TEST , 50R RG58 2M
|
Pomona Electronics
|
720HA115M 720HA115N 720HA115NC 720HA115NF 720HA115 |
Connector to Connector Pre-Terminated Assemblies
|
Glenair, Inc.
|
CS4384-DQZR |
103 dB, 192 kHz 8-Channel D/A Converter Connector assemblies, Outlet
|
Cirrus Logic, Inc.
|
0850037055 85003-7055 |
2.54mm (.100) Pitch DIN 41612 C/2 Style Male Header, Right Angle, Through Hole, 1.27μm (50μ) Selective Gold (Au) Plating, 48 Circuits, without Mounting Clips MOLEX Connector
|
Molex Electronics Ltd.
|
0850032488 |
2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 96 Circuits, without Mounting Clips MOLEX Connector
|
Molex Electronics Ltd.
|
0850032737 |
2.54mm (.100) Pitch DIN 41612 C/2 Style Male Header, Right Angle, Through Hole, 0.80μm (32μ) Selective Gold (Au) Plating, 48 Circuits, without Mounting Clips MOLEX Connector
|
Molex Electronics Ltd.
|
0850019011 |
2.54mm (.100) Pitch DIN 41612 B/2 Style Male Header, PBT, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 16 Circuits, with Mounting Clips MOLEX Connector
|
Molex Electronics Ltd.
|
0850019010 |
2.54mm (.100) Pitch DIN 41612 B/2 Style Male Header, PBT, Right Angle, ThroughHole, 0.60μm (24μ) Selective Gold (Au) Plating, 8 Circuits, with Mounting Clips, No MOLEX Connector
|
Molex Electronics Ltd.
|
0850032921 85003-2921 |
2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.80μm (32μ) Selective Gold (Au) Plating, 96 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.80渭m (32渭) Selective Gold (Au) Plating, 96 Circuits, without Mounting Clips MOLEX Connector
|
Molex Electronics Ltd.
|
|